Part Number Hot Search : 
GS9078A M4125 MP5006W 2SD2103 AKM4550 IS357A HCC4017B C0402
Product Description
Full Text Search
 

To Download PROTEKDEVICES-15KPA45C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power tvs component 1 05024.r16 11/10 www.protekdevices.com 15kpa17a thru 15kpa280a applica tions ? relay drives ? motor (start/stop) back emf protection ? module lightning protection ? secondary lightning protection for ac/dc iec co mpa tibilit y (en61000-4) ? 61000-4-5 (surge): 48a, 8/20s - l3 (line-gnd), l4 (line-line) & l1 (power) fea tures ? 15,000 watts peak pulse power per line (tp=10/1000s) ? unidirectional & bidirectional confgurations ? easy mounting to printed circuit board ? available in multiple voltage types ranging from: 17v to 220v ? tclamping (0v to v br min.) < 100ps, theoretical for unidirectional and < 5ns for bidirectional ? rohs compliant (exemption #7) mechanical characteristics ? molded case ? weight 5 grams (approximate) ? flammability rating ul 94v-0 ? available in lead-free pure-tin plating(annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? consult factory for leaded device availability ? marking: logo, part number & date code ? positive terminal marked with band - unidirectional only 05024 pin configura tions axial lead unidirectional bidirectional    
15kpa17a thru 15kpa280a 2 05024.r16 11/10 www.protekdevices.com device characteristics forward surge rating (1/120 seconds) - see note 2 symbol va lue 8.0 watts amps 200 units i f p p p arameter steady state power disspiation peak pulse power (tp = 10/1000s) - see fig. 1 p pp 15,000 watts maximum ratings @ 25c unless otherwise specifed storage temperature t stg -55 to 150 c operating temperature t l -55 to 150 c electrical characteristics per line @ 25c unless otherwise specifed part number (notes 1 & 2) rated stand-off voltage v wm volts breakdown voltage maximum clamping voltage (see fig. 2) @ 10/1000s v c @ i pp temperature coefficient of v (br) qv (br) mv/c 15kp a17 15kp a17a 15kp a18 15kp a18a 15kp a20 15kp a20a 15kp a22 15kp a22a 15kp a24 15kp a24a 15kp a26 15kp a26a 15kp a28 15kp a28a 15 kpa30 15kp a30a 15 kpa33 15kp a33a 15 kpa36 15kp a36a 15 kpa40 15 kpa40a 15 kpa43 15 kpa43a 15 kpa45 15 kpa45a 15 kpa48 15kp a48a 15 kpa51 15 kpa51a 15 kpa54 15kp a54a 15 kpa58 15 kpa58a 15 kpa60 15kp a60a 15 kpa64 15 kpa64a 15 kpa70 15kp a70a 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 32.3v @ 464.0a 29.3v @ 512.0a 34.2v @ 439.0a 30.9v @ 485.0a 37.9v @ 396.0a 34.3v @ 437.0a 41.1v @ 365.0a 37.1v @ 404.0a 45.0v @ 333.0a 40.7v @ 369.0a 48.7v @ 308.0a 44.0v @ 341.0a 52.4v @ 286.0a 47.5v @ 316.0a 56.2 v @ 267.0a 50.7v @ 296.0a 60.6v @ 248.0a 54.8v @ 274.0a 66.0v @ 227.0a 59.7v @ 251.0a 72.8v @ 206.0a 65.8v @ 228.0a 77.1v @ 195.0a 69.7v @ 215.0a 80.7v @ 186.0a 73.0v @ 205.0a 85.9v @ 175.0a 77.7v @ 193.0a 91.5v @ 164.0a 82.8v @ 181.0a 96.8v @ 155.0a 87.5v @ 171.0a 104.0v @ 144.0a 94.0v @ 160.0a 107.0v @ 140.0a 97.3v @ 154.0a 115.0 v @ 130.0a 104.0v @ 144.0a 126.0v @ 119.0a 114.0v @ 132.0 a 5000 5000 5000 5000 1500 1500 500 500 150 150 50 50 25 25 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 maximum leakage current @v wm i d a 19 17 20 18 24 21 27 24 30 27 32 29 35 31 27 34 42 38 46 41 51 46 55 50 57 52 62 56 66 60 70 63 76 68 78 71 84 76 92 83 min v (br) volts 50 50 50 50 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 @i t ma
3 05024.r16 11/10 www.protekdevices.com 15kpa17a thru 15kpa280a graphs electrical characteristics per line @ 25c unless otherwise specifed part number (notes 1 & 2) rated stand-off voltage v wm volts breakdown voltage maximum clamping voltage (see fig. 2) @ 10/1000s v c @ i pp temperature coefficient of v (br) qv (br) mv/c 15 kpa75 15kp a75a 15 kpa78 15 kpa78a 15 kpa85 15kp a85a 15 kpa90 15kp a90a 15 kpa100 15 kpa100a 15 kpa 110 15 kpa 110a 15 kpa120 15 kpa120a 15 kpa130 15 kpa130a 15 kpa150 15 kpa150a 15 kpa160 15kp a160a 15 kpa170 15kp a170a 15 kpa180 15kp a180a 15 kpa200 15 kpa200a 15 kpa220 15 kpa220a 15 kpa240 15 kpa240a 15 kpa260 15 kpa260a 15 kpa280 15 kpa280a 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100.0 100.0 110.0 110.0 120.0 120.0 130.0 130.0 150.0 150.0 160.0 160.0 170.0 170.0 180.0 180.0 200.0 200.0 220.0 220.0 240.0 240.0 260.0 260.0 280.0 280.0 83.3 83.3 86.7 86.7 94.4 94.4 100.0 100.0 111.0 111.0 122.0 122.0 133.0 133.0 144.0 144.0 167.0 167.0 178.0 178.0 189.0 189.0 200.0 200.0 222.0 222.0 245.0 245.0 267.0 267.0 289.0 289.0 311.0 311.0 135.0v @ 111.0a 122.0v @ 123.0a 140.0v @ 107.0a 126.0v @ 119.0a 152.0v @ 99.0a 137.0v @ 109.0a 160.0v @ 94.0a 146.0v @ 103.0a 179.0v @ 84.0a 162.0v @ 93.0a 196.0v @ 77.0a 178.0v @ 84.0a 214.0v @ 70.0a 193.0v @ 78.0a 231.0v @ 65.0a 209.0v @ 72.0a 268.0v @ 56.0a 243.0v @ 62.0a 287.0v @ 52.0a 259.0v @ 58.0a 304.0v @ 49.0a 275.0v @ 55.0a 321.0v @ 47.0a 291.0v @ 52.0a 356.0v @ 42.0a 322.0v @ 47.0a 393.0v @ 38.0a 356.0v @ 42.0a 428.0v @ 35.0a 388.0v @ 39.0a 464.0v @ 32.0a 419.0v @ 36.0a 500.0v @ 30.0a 452.0v @ 33.0a 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 maximum leakage current @v wm i d a 100 89 104 93 113 102 120 109 134 121 147 133 161 145 174 157 202 183 216 195 229 207 242 219 269 243 297 269 324 293 352 317 378 342 min v (br) volts 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 @i t ma note 1: part numbers shown are unidirectional devices. add a ca suffx to specify bidirectional devices, such as 15kpa20ca. note 2: v f = 7.5 volts @ 200a, 8.3ms (1/2 sine wave) - unidirectional devices only .
15kpa17a thru 15kpa280a 4 05024.r16 11/10 www.protekdevices.com graphs figure 1 peak pulse power vs pulse time figure 2 puls e wave form figure 3 power dera ting c urve               
    
5 05024.r16 11/10 www.protekdevices.com 15kpa17a thru 15kpa280a axial lead package outline & dimensions copyright ? prot ek devices 2007 specifications: protek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except jedec). design changes: protek reserves the right to discontinue product lines without notice, and that the fnal judgement concerning selection and specifcations is the buyers and that in furnishing engineering and technical assistance, protek assumes no responsibility with respect to the selection or specifcations of such products. protek devices o ir e tee te i sesroekevicesco e ie roekevicesco outline & dimensions: rev 1 - 7/02, 06028 notes 1. dimensions are exclusive of mold fash and metal burrs. 2. suffx - lf = lead-free, pure-tin plating, i.e., 15kpa90a-lf. a b c d e - 9.10 - 1.30 dia 9.10 1.00 0.34 1.00 0.048 dia 0.34 - 0.36 - 0.052 dia 0.36 24.5 8.60 24.5 1.20 dia 8.60 dim min max min max millimeters inches package dimensions pa ckage outline axial lead     


▲Up To Search▲   

 
Price & Availability of PROTEKDEVICES-15KPA45C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X